* inclusive of 25c tolerance, operating temperature stability, vdd, output load, first year aging, shock and vibration standard frequencies mhz : 155.52 156.25 187.50 212.50 ACT9213 lvpecl oscillator 1.0ps tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com 0.5ns typical 1.0ns max fo<160mhz vdd-1.62vmax fo>160mhz vdd-1.7v max iso9001:2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com fa tr/tf n/cl voh 77.76 106.52 125.00 tj tosc rl 50 to vdd - 2v 5ms max 3.0 ppm/yr max condition specification 40 ~ 350mhz 20 ~ 100ppm max * iop tw/t fo>160mhz vdd-1.025vmin fo>160mhz vdd-1.4v min 3.3v (3.17v min, 3.47v max) 99ma rise & fall time (max) aging phase jitter fo f/fo frequency range frequency stability top tstg vdd in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice specification please note that all parameters can not necessarily be specified in the same device vol c us t omer t o spec ify : f requenc y , f requenc y st a bility , o pera ti n g t empera t ure r an g e symbol parameter 50% 10% output load start-up time the ACT9213 lvpecl oscillator is a miniature low profile device allowing for frequencies up to 350.0mhz to be available in a 7x5 mm smd package. the metal lid is grounded through the ceramic package and the pads are gold plated. this device is particularly suited to communications / networking applications and also to many other applications where a low voltage lvpecl output is required. only 7x5mm this device is particularly popula r where board space dictates small size and / or automatic assembly is a requirement. the devices are available loose or taped and reeled to suit both low and higher volume requirements. temp operating range temp storage range output level ?1? duty cycle output level ?0? supply voltage supply current (max) -40 ~ +85c standard -55 ~ +125c output enable function pin 1 enable voltage high venh 2.4v min vdd max enable voltage low venl ground min 0.8v max standby current isb 10 a max 12khz to 20mhz please specify please specify within 0.5ppm of fo & power to 90% final amplitude others available please enquire 20-80% output voltage oe low issue : 1 t6 date :16/08/05 lead free - rohs comp. pad surface plating au 0.7- 1.2um pin functions: 1: oe 2: no connection 3: ground 4: output 5: complementary output 6:vdd page 1 of 3
maximum re-flow conditions iso9001:2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com ACT9213 tape and reel dimensions (mm) in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice issue : 1 t6 date :16/08/05 page 2 of 3
tel : 0044 (0) 118 979 1238 fax : 0044 (0) 118 979 1283 email : info@actcrystals.com ACT9213 test circuit and waveform in line with our ongoing policy of product evolvement and improvement, the above specification may subject to change without no tice iso9001:2000 registered for quotations or further information please contact us at: 3 the business centre, molly millars lane, wokingham, berks, rg41 2ey, uk http://www.actcrystals.com issue : 1 t6 date :16/08/05 page 3 of 3
|